Part Number Hot Search : 
48D12 DRC4143T 2N5557 KRA314E SF2095B 40HF160R 0QC10 SI9165DB
Product Description
Full Text Search
 

To Download KBPC3500G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W TE
PO WE R SEM IC O ND UC TO R S
KBPC15, 25, 35G/W SERIES
15, 25, 35A GLASS PASSIVATED BRIDGE RECTIFIER
Features
! ! ! ! ! Glass Passivated Die Construction Low Reverse Leakage Current Low Power Loss, High Efficiency Electrically Isolated Epoxy Case for Maximum Heat Dissipation Case to Terminal Isolation Voltage 2500V A C G ~ D + ~ C C ~ D ~ + A C G
H
H E B
Metal Heat Sink
Mechanical Data
! ! ! ! ! ! Case: Epoxy Case with Heat Sink Internally Mounted in the Bridge Encapsulation Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Symbols Marked on Case Mounting: Through Hole for #10 Screw Weight: KBPC-G 24 grams (approx.) KBPC-GW 21 grams (approx.) Marking: Type Number
"W" Suffix Designates Wire Leads No Suffix Designates Faston Terminals *All Models are Available on B(Height)=7.9mm Max. Epoxy Case
E B
KBPC-GW
KBPC-G
KBPC-G Dim A B C D E G H
KBPC-GW
Min Max Min Max 28.40 28.70 28.40 28.70 10.97 11.23 10.97 11.23 15.70 16.70 17.10 19.10 17.50 18.50 10.90 11.90 22.86 25.40 30.50 -- Hole for #10 screw, 5.08O Nominal 6.35 Typical 0.97O 1.07O All Dimension in mm
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristics Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Output Current @TC = 55C KBPC15 KBPC25 KBPC35 Symbol VRRM VRWM VR VR(RMS)
@TA=25C unless otherwise specified
-00G/W -01G/W -02G/W -04G/W -06G/W -08G/W -10G/W Unit 50 35 100 70 200 140 400 280 15 25 35 600 420 800 560 1000 700 V V
IO
A
Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave Superimposed on rated load (JEDEC Method)
KBPC15 KBPC25 KBPC35
IFSM
300 300 400
A
Forward Voltage Drop (per element) Peark Reverse Current At Rated DC Blocking Voltage
KBPC15 @IF = 7.5A KBPC25 @IF = 12.5A KBPC35 @IF = 17.5A @TC = 25C @TC = 125C KBPC15 KBPC25 KBPC35
VFM
1.1
V
IRM
5.0 500 375 375 660
A
I2t Rating for Fusing (t < 8.3ms) (Note 1)
I2t
A2s
KBPC15, 25, 35G/W SERIES
1 of 4
(c) 2002 Won-Top Electronics
Maximum Ratings and Electrical Characteristics
Typical Junction Capacitance (per element) (Note 2) Typical Thermal Resistance Junction to Case (per element) (Note 3) RMS Isolation Voltage from Case to Lead Operating and Storage Temperature Range KBPC15 KBPC25 KBPC35 Cj
@TA=25C unless otherwise specified
300 5.3 3.6 3.0 2500 -65 to +150
pF
RJC
K/W
VISO Tj, TSTG
V C
Note: 1. Measured at non-repetitive, for t > 1ms and < 8.3ms. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 3. Thermal resistance junction to case mounted on heatsink.
KBPC15, 25, 35G/W SERIES
2 of 4
(c) 2002 Won-Top Electronics
KBPC35
IF, AVERAGE FORWARD CURRENT (A)
Mounted on a 220 x 220 x 50 mm AL plate heatsink
30
KBPC25
IF, INSTANTANEOUS FORWARD CURRENT (A)
40
100
10
KBPC15, 25
20
KBPC15
1.0
KBPC35
10
0.1
Tj = 25C
Resistive or Inductive load
Pulse Width = 300s
0
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (C) Fig. 1 Forward. Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element)
IFSM, PEAK FWD. SURGE CURRENT (A)
400
Single Half-Sine Wave (JEDEC Method)
1000
f = 1 Mhz Tj = 25C
300
KBPC35
200
KBPC15, 25
Cj, CAPACITANCE (pF)
100
100
Tj = 150C
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100
Tj = 125C
100
10 0.1 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance (per element) 1.0
IR, INSTANTANEOUS REVERSE CURRENT (A)
10
1.0
0.1
Tj = 25C
0.01 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics (per element)
KBPC15, 25, 35G/W SERIES
3 of 4
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
KBPCxx00G KBPCxx00GW KBPCxx01G KBPCxx01GW KBPCxx02G KBPCxx02GW KBPCxx04G KBPCxx04GW KBPCxx06G KBPCxx06GW KBPCxx08G KBPCxx08GW KBPCxx10G KBPCxx10GW
Package Type
Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge
Shipping Quantity
50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
KBPC15, 25, 35G/W SERIES
4 of 4


▲Up To Search▲   

 
Price & Availability of KBPC3500G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X